Part Number Hot Search : 
TLN22507 MAX163 BD4148SE TPC8115 KPY55A SM1010 TFS868 W90P710
Product Description
Full Text Search
 

To Download MHSC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  molding power choke ? MHSC series MHSC series MHSC series is designed for low profile type with low dcr and ultra large current, especially for height limited boards. its molded magnetic shielded type is suitable for high-density mounting and ultra low buzz noise. soldering conditions can be easily confirmed when mounting onto board. this series also provides customers with embossed carrier type packaging for automatic mounting machine. features applications ? rohs compliant ? ultra low profile on board ? shielded construction ? ultra low buzz noise due to molding construction ? high density dc/dc converter in height limited board ? pol converters ? high current vrm/vdr for notebook / server / desktop cpu ? high current dc/dc converter in distributed power system ? high speed charger product identification shape and dimensions recommended pattern dimensions in mm type a b c d e f 04020 4.20.2 2.0 +0.2 -0.3 1.50.2 1.20.3 1.2 1.0 06022 6.60.2 2.2 +0.2 -0.3 3.00.2 1.50.3 1.4 1.0 06036 6.60.2 3.6 +0.2 -0.3 3.00.2 1.50.3 2.3 1.5 08036 8.00.2 3.6 +0.2 -0.3 6.00.2 2.00.3 2.3 1.30.2 dimensions in mm type a b c d 04020 2.0 6.5 1.8 4.5 06022 3.5 9.5 2.2 6.9 06036 3.5 9.5 2.2 6.9 08036 6.0 11.9 3.0 8.4
moldin g power choke ? MHSC series electrical characteristics inductance tolerance test frequency irms isat rdc part number (uh) (%) (khz) (a)typ. (a)typ. (m )max MHSC04020-r33m-r8 0.33 20 100 8.5 16 10 MHSC04020-r47m-r8 0.47 20 100 8 14 11 ? irms dc current (a) that will cause an approximate t of 40 ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m= 20% ? l : wk 3260b, 100khz 0.5v ? rdc : chen hwa 502 ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments wk3260b impedance / material analyzer inductance v.s dc current 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 2 4 6 8 10 12 14 16 18 dc current (a) l(uh) r33 r47 tem perature change v.s dc current 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 dc current (a) t( ) r33 r47
moldin g power choke ? MHSC series electrical characteristics inductance tolerance test frequency irms isat rdc part number (uh) (%) (khz) (a)typ. (a)typ. (m )max MHSC06022-r22m-r8 0.22 20 100 18 28 6 MHSC06022-r82m-r8 0.82 20 100 9.5 18 13.8 MHSC06022-1r0m-r8 1.0 20 100 9 16 15.4 MHSC06022-2r2m-r8 2.2 20 100 6 10.5 29.8 ? irms dc current (a) that will cause an approximate t of 40 ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m= 20% ? l : wk 3260b, 100khz 0.5v ? rdc : chen hwa 502 ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments wk3260b impedance / material analyzer inductance v.s dc current 0 0.5 1 1.5 2 2.5 3 3.5 4 024681012141618202224262830 dc current (a) l(uh) r22 r82 1r0 2r2 tem perature change v.s dc current 0 10 20 30 40 50 60 70 80 90 100 110 120 130 0 5 10 15 20 25 30 dc current (a) t( ) r22 r82 1r0 2r2
moldin g power choke ? MHSC series electrical characteristics inductance tolerance test frequency irms isat rdc part number (uh) (%) (khz) (a)typ. (a)typ. (m )max MHSC06036-r82m-r8 0.82 20 100 14 20 6.8 MHSC06036-1r0m-r8 1.0 20 100 12 19 8.2 MHSC06036-2r2m-r8 2.2 20 100 9.5 14 14.5 MHSC06036-6r8m-r8 6.8 20 100 5.5 7 44.5 MHSC06036-100m-r8 10 20 100 4.5 6.5 66 ? irms dc current (a) that will cause an approximate t of 40 ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m= 20% ? l : wk 3260b, 100khz 0.5v ? rdc : chen hwa 502 ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments wk3260b impedance / material analyzer inductance v.s dc current 0 1 2 3 4 5 6 7 8 9 10 11 0 5 10 15 20 dc current (a) l(uh) r82 1r0 2r2 6r8 100 tem perature change v.s dc current 0 10 20 30 40 50 60 70 80 90 100 110 120 0 5 10 15 20 25 dc current (a) t( ) r82 1r0 2r2 6r8 100
moldin g power choke ? MHSC series electrical characteristics inductance tolerance test frequency irms isat rdc part number (uh) (%) (khz) (a)typ. (a)typ. (m )max MHSC08036-r22m-r8 0.22 20 100 23 40 1.6 MHSC08036-r33m-r8 0.33 20 100 20 38 2.5 ? irms dc current (a) that will cause an approximate t of 40 ? isat dc current (a) that will cause l to drop approximately 30% ? tolerance m= 20% ? l : wk 3260b, 100khz 0.5v ? rdc : chen hwa 502 ? operating temperature range from -55 to 125 . (including self - temperature rise) test instruments wk3260b impedance / material analyzer inductance v.s dc current 0 0.1 0.2 0.3 0.4 0.5 0 1020304050 dc current (a) l(uh) r22 r33 tem perature change v.s dc current 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 40 45 50 dc current (a) t( ) r22 r33
molding power choke ? MHSC series packaging specifications tape dimensions tape material reel dimensions dimensions in mm tape dimensions reel dimensions quantity type a0 b0 k0 d e w p p0 p2 a b c d pcs / reel 04020 4.6 7.2 2.4 1.55 1.75 16 12 4 2 330 100 13 16.0 1000 06022 6.9 10.2 2.6 1.55 1.75 16 12 4 2 330 100 13 16.0 1000 06036 6.9 10.2 4.0 1.55 1.75 16 12 4 2 330 100 13 16.0 1000 08036 8.4 12.6 4.0 1.55 1.75 24 16 4 2 330 100 13 24.4 500


▲Up To Search▲   

 
Price & Availability of MHSC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X